Part Number Hot Search : 
QFP32 IRF741 FS300 10G15C 42NJ10RE SMBT3904 35507 C1706
Product Description
Full Text Search
 

To Download BC856S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
PNP General Purpose Double Transistor KC856S(BC856S)
SOT-363
1.3
+0.1 -0.1
Unit: mm
0.65
0.525
Features
Reduces number of components and board space No mutual interference between the transistors.
+0.15 2.3-0.15
0.36
0.1max
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.05 0.1-0.02
1 E1 2 B1 3 C2
4 E2 5 B2 6 C1
Absolute Maximum Ratings Ta = 25
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Power Dissipation Thermal Resistance, Junction to Ambient Operating and Storage Junction Temperature Range Symbol VCBO VCEO VEBO IC PD R
JA
Rating -80 -65 -5 -100 200 416 -65 to +150
Unit V V V mA mW /W
TJ, Tstg
Electrical Characteristics Ta = 25
Parameter Collector-Cutoff Current Emitter- cutoff current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Output Capacitance Transistion frequency Symbol ICBO IEBO hFE VCE(sat) VBE(sat) Cob fT Testconditons VCB =- 30 V, IE = 0 VCB =- 30 V, IE = 0, TA = 150 IC=0,VEB=-5V IC = -2.0 mA, VCE = -5.0 V IC = -10 mA, IB =- 0.5 mA IC = -100 mA, IB =- 5.0 mA IC = -10 mA, IB=-0.5mA VCB = -10 V, f = 1.0 MHz IC = -10 mA, VCE = -5.0V,f = 100 mHz 100 700 2.5 110 -100 -300 mV mV mV pF MHz Min Typ Max -15 -5.0 -100 Unit nA A nA
Marking
Marking 5F
+0.05 0.95-0.05
+0.1 1.25-0.1
Two transistors in one package
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BC856S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X